công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC805K3GRS/D bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện HC805K3GRS/D
Giải thích chi tiết về linh kiện  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 49Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 50Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 51Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 52Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 53Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 54Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 55Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 56Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 119 page
background image
MC68HC805K3 — Rev. 1.0
Operational Modes
53
General Release Specification — MC68HC805K3
Section 6. Operational Modes
6.1 Contents
6.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
6.3
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
6.3.1
Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
6.3.2
Halt Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
6.3.3
Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
6.3.4
COP Watchdog Timer Considerations . . . . . . . . . . . . . . . .57
6.2 Introduction
The MC68HC805K3 is capable of running in one of several operational
modes to reduce power consumption.
6.3 Low-Power Modes
The WAIT and STOP/HALT instructions provide two low-power
operational modes that reduce the power required for the MCU by
stopping various internal clocks and/or the on-chip oscillator. The flow of
the stop, halt and wait modes is shown in Figure 6-1.
6.3.1 Stop Mode
The STOP instruction can result in one of two modes of operation
depending on its mask option register bit. The mask option register bit
can make the STOP instruction operate the same as the STOP
instruction in other M68HC05 Family members and place the device in
stop mode. Or the mask option register bit can make the STOP
instruction behave like a WAIT instruction (except that the restart time
involves a delay) and place the device in halt mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com