công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC805K3GRS/D bảng dữ liệu(PDF) 24 Page - NXP Semiconductors

tên linh kiện HC805K3GRS/D
Giải thích chi tiết về linh kiện  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D bảng dữ liệu(HTML) 24 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 20Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 21Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 22Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 23Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 24Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 25Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 26Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 27Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 119 page
background image
General Release Specification
Functional Pin Description
MC68HC805K3 — Rev. 1.0
24
General Description
1.7.3 Reset (RESET)
This pin can be used as an input to reset the MCU to a known startup
state by pulling the pin to the low state. The RESET pin contains a
steering diode to discharge any voltage on the pin to VDD when the
power is removed. The RESET pin contains an internal pullup resistor to
VDD of approximately 100 kΩ to allow the RESET pin to be left
unconnected for low-power applications. The RESET pin contains an
internal Schmitt trigger to improve its noise immunity as an input.
The RESET pin has an internal pulldown device that pulls the RESET
pin low when there is an internal COP watchdog or an illegal address
reset. Refer to Section 5. Resets.
1.7.4 Maskable Interrupt Request (IRQ)
The IRQ input pin drives the asynchronous IRQ interrupt function of the
CPU. The IRQ interrupt function has a mask option register bit to select
either negative edge-sensitive triggering or both negative edge-sensitive
and low level-sensitive triggering. If the option is selected to include
level-sensitive triggering, the IRQ pin requires an external resistor to
V
DD if “wired-OR” operation is desired. If the IRQ pin is not used, it must
be tied to the VDD supply.
NOTE:
Each of the PA0 through PA3 I/O pins can be connected through an OR
gate to the IRQ interrupt function by a common mask option. This
capability allows keyboard scan applications where the transitions or
levels on the I/O pins behave the same as the IRQ pin, except that the
logic level is inverted. The edge or level sensitivity selected by the mask
option register bit for the IRQ pin also applies to the I/O pins ORed to
create an IRQ signal.
The IRQ pin contains an internal Schmitt trigger to improve noise
immunity. For more details, see Section 4. Interrupts.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com