công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC805K3GRS/D bảng dữ liệu(PDF) 72 Page - NXP Semiconductors

tên linh kiện HC805K3GRS/D
Giải thích chi tiết về linh kiện  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D bảng dữ liệu(HTML) 72 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 68Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 69Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 70Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 71Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 72Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 73Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 74Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 75Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 119 page
background image
General Release Specification
8.6 Operating During Wait Mode
MC68HC805K3 — Rev. 1.0
72
8-Bit Timer
at location $08. The clock frequency that drives the RTI circuit is fOP/2
14
(or fOP/16384) with three additional divider stages giving a maximum
interrupt period of fOP/2
17 (or f
OP/131072).
The power-on cycle clears the entire counter chain and begins clocking
the counter. After 4064 or 16 cycles (depending on mask option register
bit), the power-on reset circuit is released, which again clears the
counter chain and allows the device to come out of reset. At this point, if
RESET is not asserted, the timer starts counting up from zero and
normal device operation begins. If RESET is asserted at any time during
operation, the counter chain is cleared.
Figure 8-1. Timer Block Diagram
COPR
CLEAR
MC68HC05 INTERNAL BUS
$09 TCNTR
7-BIT COUNTER
INTERRUPT CIRCUIT
$08 TSCR
RTI SELECT CIRCUIT
OVERFLOW
CIRCUIT
DETECT
COP WATCHDOG
TIMER
TO RESET
LOGIC
TO INTERRUPT
LOGIC
8
8
fOP/2
2
fOP/2
10
POR
TCBP
TSCR
TCNTR
NTF1 INTERNAL
TIMER CLOCK
(fOP)
TOF
RTIF
TOFE
RTIE
RT1
RT0
RTIFR
TOFR
TIMER STATUS/CONTROL REGISTER
TIMER COUNTER REGISTER (TCNTR)
÷4
÷8
RESET
MOR1,2
REFRESH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com