công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC805K3GRS/D bảng dữ liệu(PDF) 84 Page - NXP Semiconductors

tên linh kiện HC805K3GRS/D
Giải thích chi tiết về linh kiện  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D bảng dữ liệu(HTML) 84 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 80Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 81Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 82Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 83Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 84Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 85Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 86Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 87Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 119 page
background image
General Release Specification
PEEPROM Registers
MC68HC805K3 — Rev. 1.0
84
Personality EEPROM
The charge pump must always be used to program or erase bits in the
Personality EEPROM. The CPEN bit is cleared when the device is in
reset.
NOTE:
Setting the CPEN bit can activate the charge pump. However, all the
PEPGM, PEBYTE, PEBULK, and CPEN bits must be cleared to de-
activate the charge pump. If the charge pump is left running, the overall
device IDD current increases.
PEBYTE — PEEPROM Byte Erase
The PEBYTE bit is a read/write bit to control the switches that apply
the internally provided charge pump programming voltage to a row in
the PEEPROM array that is to be erased. When the PEBYTE bit is set
to a logical one, a logical zero is stored to all bits in the same row of
the PEEPROM array, as specified by the upper four bits of the 7-bit
address in the PEBSR.
The PEBYTE bit should only be set if the PEPGM and PEBULK bits
are cleared. If both the PEBYTE and PEBULK bits are set, the
PEEPROM is bulk erased. The PEBYTE bit is cleared when the
device is reset.
PEPGM — PEEPROM Program Control
The PEPGM bit is a read/write bit to control the switches that apply
the internally provided charge pump programming voltage to the
device in the PEEPROM array that is to be programmed. When the
PEPGM bit is set to a logical one, a logical one is stored to the
PEEPROM array element specified by the address in the PEBSR.
Since the state of the PEPGM bit determines the state of the
programmed bit in the PEEPROM array, the PEPGM bit is similar to
a DATA IN bit.
The PEPGM bit should be set only if the PEBYTE and PEBULK bits
are cleared. The PEPGM bit is cleared when the device is reset.
NOTE:
Only one of the PEPGM, PEBYTE, or PEBULK bits should be set at any
one time.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com