công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32W108HB bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện STM32W108HB
Giải thích chi tiết về linh kiện  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 10Page - STMicroelectronics STM32W108HB Datasheet HTML 11Page - STMicroelectronics STM32W108HB Datasheet HTML 12Page - STMicroelectronics STM32W108HB Datasheet HTML 13Page - STMicroelectronics STM32W108HB Datasheet HTML 14Page - STMicroelectronics STM32W108HB Datasheet HTML 15Page - STMicroelectronics STM32W108HB Datasheet HTML 16Page - STMicroelectronics STM32W108HB Datasheet HTML 17Page - STMicroelectronics STM32W108HB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 278 page
background image
Documentation conventions
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
14/278
Doc ID 16252 Rev 14
2
Documentation conventions
Software can read and write to these bits.
Software can only read these bits.
Software can only write to this bit. Reading returns the reset value.
Software can read and write to these bits only in Privileged mode. For
more information, please refer to RAM memory protection on page 33
and Memory protection unit on page 38.
Table 1.
Description of abbreviations used for bit field access
Abbreviation
Description(1)
1.
The conditions under which the hardware (core) sets or clears this field are explained in details in the bit
field description, as well as the events that may be generated by writing to the bit.
Read/Write (rw)
Read-only (r)
Write only (w)
Read/Write in (MPU)
Privileged mode only (rws)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More