| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LUS5 bảng dữ liệu(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LUS5 bảng dữ liệu(HTML) 116 Page - STMicroelectronics |
|
116 / 124 page ![]() Device configuration and ordering information ST7LUS5, ST7LU05, ST7LU09 116/124 14.1.2 Flash ordering information The following Table 90 serves as a guide for ordering. Table 90. Flash user programmable device types Order code Program memory (bytes) RAM / EEPROM (bytes) ADC Temperature range Package Packaging ST7FLUS5MAE 1K Flash 128 / - 10-bit -40°C to +85°C SO8 Tube ST7FLUS5MATRE Tape and Reel ST7FLUS5MCE -40°C to +125°C Tube ST7FLUS5MCTRE Tape and Reel ST7FLU05MAE 2K Flash 128 / - 10-bit -40°C to +85°C SO8 Tube ST7FLU05MATRE Tape and Reel ST7FLU05MCE -40°C to +125°C Tube ST7FLU05MCTRE Tape and Reel ST7FLU09MAE 2K Flash 128 / 128 10-bit -40°C to +85°C SO8 Tube ST7FLU09MATRE Tape and Reel ST7FLU09MCE -40°C to +125°C Tube ST7FLU09MCTRE Tape and Reel |