| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LUS5 bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LUS5 bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 124 page ![]() Instruction set ST7LUS5, ST7LU05, ST7LU09 82/124 Table 54. ST7 addressing mode overview Mode Syntax Destination/Source Pointer address Pointer size Length (bytes) Inherent nop + 0 Immediate ld A,#$55 + 1 Short Direct ld A,$10 00..FF + 1 Long Direct ld A,$1000 0000..FFFF + 2 No Offset Direct Indexed ld A,(X) 00..FF + 0 (with X register) + 1 (with Y register) Short Direct Indexed ld A,($10,X) 00..1FE + 1 Long Direct Indexed ld A,($1000,X) 0000..FFFF + 2 Short Indirect ld A,[$10] 00..FF 00..FF byte + 2 Long Indirect ld A,[$10.w] 0000..FFFF 00..FF word + 2 Short Indirect Indexed ld A,([$10],X) 00..1FE 00..FF byte + 2 Long Indirect Indexed ld A,([$10.w],X) 0000..FFFF 00..FF word + 2 Relative Direct jrne loop PC-128/PC+127(1) + 1 Relative Indirect jrne [$10] PC-128/PC+127(1) 00..FF byte + 2 Bit Direct bset $10,#7 00..FF + 1 Bit Indirect bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 1. At the time the instruction is executed, the program counter (PC) points to the instruction following JRxx. |