| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LUS5 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LUS5 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 124 page ![]() List of figures ST7LUS5, ST7LU05, ST7LU09 10/124 Figure 49. Typical VOL at VDD = 3.3V (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105 Figure 50. Typical VOL at VDD = 5V (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106 Figure 51. Typical VDD - VOH at VDD = 3.3V (HS pins). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106 Figure 52. Typical VDD - VOH at VDD = 5V (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106 Figure 53. Typical VOL vs. VDD (standard I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107 Figure 54. Typical VOL vs. VDD (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107 Figure 55. Typical VDD - VOH vs. VDD (HS pins). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107 Figure 56. RESET pin protection when LVD is enabled(1)(2)(3)(4). . . . . . . . . . . . . . . . . . . . . . . . . . 109 Figure 57. RESET pin protection when LVD is disabled(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109 Figure 58. Typical application with ADC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 Figure 59. ADC accuracy characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111 Figure 60. 8-pin plastic small outline package, 150-mil width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 |