| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 347 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 347 Page - Nordic Semiconductor |
|
347 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description Disabled 0 Disable Enabled 1 Enable F RW ENDTX Enable or disable interrupt for event ENDTX Disabled 0 Disable Enabled 1 Enable G RW ERROR Enable or disable interrupt for event ERROR Disabled 0 Disable Enabled 1 Enable H RW RXTO Enable or disable interrupt for event RXTO Disabled 0 Disable Enabled 1 Enable I RW RXSTARTED Enable or disable interrupt for event RXSTARTED Disabled 0 Disable Enabled 1 Enable J RW TXSTARTED Enable or disable interrupt for event TXSTARTED Disabled 0 Disable Enabled 1 Enable L RW TXSTOPPED Enable or disable interrupt for event TXSTOPPED Disabled 0 Disable Enabled 1 Enable 6.19.9.35 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CTS Write '1' to enable interrupt for event CTS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW NCTS Write '1' to enable interrupt for event NCTS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW RXDRDY Write '1' to enable interrupt for event RXDRDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ENDRX Write '1' to enable interrupt for event ENDRX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW TXDRDY Write '1' to enable interrupt for event TXDRDY Set 1 Enable Disabled 0 Read: Disabled 4418_1315 v2.0 347 |