| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 346 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 346 Page - Nordic Semiconductor |
|
346 / 400 page ![]() Peripherals 6.19.9.32 PUBLISH_TXSTOPPED Address offset: 0x1D8 Publish configuration for event TXSTOPPED Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event TXSTOPPED will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 6.19.9.33 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description C RW ENDRX_STARTRX Shortcut between event ENDRX and task STARTRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW ENDRX_STOPRX Shortcut between event ENDRX and task STOPRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.19.9.34 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CTS Enable or disable interrupt for event CTS Disabled 0 Disable Enabled 1 Enable B RW NCTS Enable or disable interrupt for event NCTS Disabled 0 Disable Enabled 1 Enable C RW RXDRDY Enable or disable interrupt for event RXDRDY Disabled 0 Disable Enabled 1 Enable D RW ENDRX Enable or disable interrupt for event ENDRX Disabled 0 Disable Enabled 1 Enable E RW TXDRDY Enable or disable interrupt for event TXDRDY 4418_1315 v2.0 346 |