| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 288 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 288 Page - Nordic Semiconductor |
|
288 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A-F RW COMPARE[i]_CLEAR (i=0..5) Shortcut between event COMPARE[i] and task CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut G-L RW COMPARE[i]_STOP (i=0..5) Shortcut between event COMPARE[i] and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.16.5.16 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A-F RW COMPARE[i] (i=0..5) Write '1' to enable interrupt for event COMPARE[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.16.5.17 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A-F RW COMPARE[i] (i=0..5) Write '1' to disable interrupt for event COMPARE[i] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.16.5.18 MODE Address offset: 0x504 Timer mode selection 4418_1315 v2.0 288 |