| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 287 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 287 Page - Nordic Semiconductor |
|
287 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task CAPTURE[n] will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.16.5.13 EVENTS_COMPARE[n] (n=0..5) Address offset: 0x140 + (n × 0x4) Compare event on CC[n] match Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_COMPARE Compare event on CC[n] match NotGenerated 0 Event not generated Generated 1 Event generated 6.16.5.14 PUBLISH_COMPARE[n] (n=0..5) Address offset: 0x1C0 + (n × 0x4) Publish configuration for event COMPARE[n] Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event COMPARE[n] will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 6.16.5.15 SHORTS Address offset: 0x200 Shortcuts between local events and tasks 4418_1315 v2.0 287 |