| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 216 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 216 Page - Nordic Semiconductor |
|
216 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW CH1LIMITH Write '1' to enable interrupt for event CH1LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW CH1LIMITL Write '1' to enable interrupt for event CH1LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW CH2LIMITH Write '1' to enable interrupt for event CH2LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW CH2LIMITL Write '1' to enable interrupt for event CH2LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled M RW CH3LIMITH Write '1' to enable interrupt for event CH3LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled N RW CH3LIMITL Write '1' to enable interrupt for event CH3LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled O RW CH4LIMITH Write '1' to enable interrupt for event CH4LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled P RW CH4LIMITL Write '1' to enable interrupt for event CH4LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Q RW CH5LIMITH Write '1' to enable interrupt for event CH5LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled R RW CH5LIMITL Write '1' to enable interrupt for event CH5LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled S RW CH6LIMITH Write '1' to enable interrupt for event CH6LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled T RW CH6LIMITL Write '1' to enable interrupt for event CH6LIMITL Set 1 Enable Disabled 0 Read: Disabled 4418_1315 v2.0 216 |