| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 215 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 215 Page - Nordic Semiconductor |
|
215 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description Enabled 1 Enable T RW CH6LIMITL Enable or disable interrupt for event CH6LIMITL Disabled 0 Disable Enabled 1 Enable U RW CH7LIMITH Enable or disable interrupt for event CH7LIMITH Disabled 0 Disable Enabled 1 Enable V RW CH7LIMITL Enable or disable interrupt for event CH7LIMITL Disabled 0 Disable Enabled 1 Enable 6.12.10.26 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW STARTED Write '1' to enable interrupt for event STARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW END Write '1' to enable interrupt for event END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW DONE Write '1' to enable interrupt for event DONE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW RESULTDONE Write '1' to enable interrupt for event RESULTDONE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW CALIBRATEDONE Write '1' to enable interrupt for event CALIBRATEDONE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW STOPPED Write '1' to enable interrupt for event STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW CH0LIMITH Write '1' to enable interrupt for event CH0LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW CH0LIMITL Write '1' to enable interrupt for event CH0LIMITL 4418_1315 v2.0 215 |