| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 118 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 118 Page - Nordic Semiconductor |
|
118 / 400 page ![]() Peripherals 6.6.2.6 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A-H RW RECEIVE[i] (i=0..7) Write '1' to enable interrupt for event RECEIVE[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.6.2.7 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A-H RW RECEIVE[i] (i=0..7) Write '1' to disable interrupt for event RECEIVE[i] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.6.2.8 INTPEND Address offset: 0x30C Pending interrupts Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A-H R RECEIVE[i] (i=0..7) Read pending status of interrupt for event RECEIVE[i] NotPending 0 Read: Not pending Pending 1 Read: Pending 6.6.2.9 SEND_CNF[n] (n=0..7) Address offset: 0x510 + (n × 0x4) Send event configuration for TASKS_SEND[n] 4418_1315 v2.0 118 |