công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C9X760ACLEX bảng dữ liệu(PDF) 14 Page - Diodes Incorporated

tên linh kiện PI7C9X760ACLEX
Giải thích chi tiết về linh kiện  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX bảng dữ liệu(HTML) 14 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 10Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 16Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 17Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
14
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
6 Sleep mode
Sleep mode is an enhanced feature of the UART. It is enabled when EFR[4], the enhanced functions bit, is set and when IER[4] is set.
Sleep mode is entered when:
• The serial data input line, RX, is idle (see Section 7 “Break and time-out conditions”).
• The TX FIFO and TX shift register are empty.
• There are no interrupts pending except THR.
Remark: Sleep mode will not be entered if there is data in the RX FIFO.
In Sleep mode, the clock to the UART is stopped. Since most registers are clocked using these clocks, the power consumption is greatly
reduced. The UART will wake up when any change is detected on the RX line, when there is any change in the state of the modem
input pins, or if data is written to the TX FIFO.
Remark: Writing to the divisor latches DLL and DLH to set the baud clock must not be done during Sleep mode. Therefore, it is advis-
able to disable Sleep mode using IER[4] before writing to DLL or DLH.
7 Break and time-out conditions
When the UART receives a number of characters and these data are not enough to set off the receive interrupt (because they do not
reach the receive trigger level), the UART will generate a time-out interrupt instead, 4 character times after the last character is re-
ceived. The time-out counter will be reset at the center of each stop bit received or each time the receive FIFO is read.
A break condition is detected when the RX pin is pulled LOW for a duration longer than the time it takes to send a complete character
plus start, stop and parity bits. A break condition can be sent by setting LCR[6], when this happens the TX pin will be pulled LOW
until LSR[6] is cleared by the software.
8 Programmable baud rate generator
The UART contains a programmable baud rate generator that takes any clock input and divides it by a divisor in the range between 1
and (216 - 1). An additional divide-by-4 prescaler is also available and can be selected by MCR[7], as shown in Figure 7. The formula
for the baud rate is:
Where:
prescaler = 1, when MCR[7] is set to logic 0 after reset (divide-by-1 clock selected)
prescaler = 4, when MCR[7] is set to logic 1 after reset (divide-by-4 clock selected).
Divisor = {DLH, DLL}
Sample rate = 16 - SCR + CPRN
Remark: The default value of prescaler after reset is divide-by-1.
rate
sample
x
divisor
)
prescaler
frequency
input
crystal
XTAL1
(
rate
Baud
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com