công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C9X760ACLEX bảng dữ liệu(PDF) 11 Page - Diodes Incorporated

tên linh kiện PI7C9X760ACLEX
Giải thích chi tiết về linh kiện  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX bảng dữ liệu(HTML) 11 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 9Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 10Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
11
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
4. Hardware Reset, Power-On Reset (POR) and Software Reset
These three reset methods are identical and will reset the internal registers as indicated in Table 4.
Table 2 summarizes the state of register after reset.
Table 2. Register reset
Register
Reset state
Interrupt Enable Register
All bits cleared
Interrupt Identification Register
Bit 0 is set; all other bits cleared
FIFO Control Register
All bits cleared
Line Control Register
Reset to 0001 1101 (0x1D)
Modem Control Register
All bits cleared
Line Status Register
Bit 5 and bit 6 set; all other bits cleared
Modem Status Register
Bits 3:0 cleared; bits 7:4 input signals
Enhanced Features Register
All bits cleared
Receive Holding Register
Pointer logic cleared
Transmit Holding Register
Pointer logic cleared
Transmission Control Register
All bits cleared
Trigger Level Register
All bits cleared
Transmit FIFO level
Reset to 0100 0000 (0x40)
Receive FIFO level
All bits cleared
I/O direction
All bits cleared
I/O interrupt enable
All bits cleared
I/O control
All bits cleared
Extra Features Control Register
All bits cleared
Remark: Registers DLL, DLH, SPR, XON1, XON2, XOFF1, XOFF2 are not reset by the top-level reset signal RESET, Software Reset, that is, they hold their initial-
ization values during reset.
Table 3 summarizes the state of output signals after reset.
Table 3. Output signals after reset
Signal
Reset state
TX
HIGH
RTS
HIGH
I/Os
Inputs
IRQ
HIGH by external pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com