công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9960 bảng dữ liệu(PDF) 81 Page - STMicroelectronics

tên linh kiện L9960
Giải thích chi tiết về linh kiện  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 bảng dữ liệu(HTML) 81 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 77Page - STMicroelectronics L9960 Datasheet HTML 78Page - STMicroelectronics L9960 Datasheet HTML 79Page - STMicroelectronics L9960 Datasheet HTML 80Page - STMicroelectronics L9960 Datasheet HTML 81Page - STMicroelectronics L9960 Datasheet HTML 82Page - STMicroelectronics L9960 Datasheet HTML 83Page - STMicroelectronics L9960 Datasheet HTML 84Page - STMicroelectronics L9960 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 95 page
background image
DS11115 Rev 10
81/95
L9960, L9960T
Functional description
94
4.9.8
Electrical characteristics
The component guarantees the functionality of the SPI interface for a VDD5 voltage down to
Vpor (Max frequency define in parameter fSCLK).
4.5 < VDD5 < 5.5 V; 3.0 < VDDIO < 5.5 V unless otherwise noted.
Positive current is flowing into pin.
Table 96. Electrical characteristics serial data output
symbol
Parameters
Conditions
Min.
Max.
Value
VSDOH
High output level (ISDO = -2 mA)
Back to back structure
used
VDDIO -0.4V
-
V
VSDOL
Low output level (ISDO = 3.2 mA) -
-
0.4
V
ISDOL
Tri state leakage current
(NCS = HIGH)
VDDIO = 5 V
VDDIO = 19 V
For 0 < SDO < VDDIO
(-40 °C ≤ Tj ≤ 25 °C)
-5
5
µA
VDDIO = 5 V
VDDIO = 19 V
For 0 < SDO < VDDIO
(25 °C > Tj ≤ 150 °C)
-5
10
µA
VOV_SDO
Over voltage detection threshold
at SDO output
Prevent output from
damage; avoid back
supply to VDDIO
VDDIO+0.05 VDDIO+0.2
V
tOFF_PROT
Turn-off delay for over voltage
reverse supply protection
direct control of back to
back in HS path;
VDDIO+1V; Measure at
0.5*Ipeak
01.5
µs
VSDO
Voltage range w/o damage
SDO driven High or Low
No damage of the part in
short-circuit condition
-0.3
19
V
Inputs NCS; SCLK; SDI
VINL
Low input level
-
-0.3
0.75
V
VINH
High input level
-
1.75
VDD5+0.3
V
Vhyst
Hysteresis
-
0.1
1
V
IIN
Input current for NCS; SCLK; SDI
(Vin= VDD5)
--50
5
µA
IIN,pu
Input pull up current source for
NCS; SCLK; SDI (VDD5
 VPOR)
& (VIN < 2.5V)
Pull-up circuit protected
against supply back
feeding injection
-30
-100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com