công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9960 bảng dữ liệu(PDF) 69 Page - STMicroelectronics

tên linh kiện L9960
Giải thích chi tiết về linh kiện  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 bảng dữ liệu(HTML) 69 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 65Page - STMicroelectronics L9960 Datasheet HTML 66Page - STMicroelectronics L9960 Datasheet HTML 67Page - STMicroelectronics L9960 Datasheet HTML 68Page - STMicroelectronics L9960 Datasheet HTML 69Page - STMicroelectronics L9960 Datasheet HTML 70Page - STMicroelectronics L9960 Datasheet HTML 71Page - STMicroelectronics L9960 Datasheet HTML 72Page - STMicroelectronics L9960 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
DS11115 Rev 10
69/95
L9960, L9960T
Functional description
94
4.8.5
Diagnostic of "Open Load" in on-state
The diagnostic of the Open Load in on-state is possible as long as, at least, one
freewheeling cycle (meaning PWM = 0) is done through the body diode of the low-side
transistor meaning "passive freewheeling". The diagnostics is consequently available in
PWM/DIR and IN1/IN2 mode when the recirculation is performed through LS drivers.
After OL diagnostics activation, to update the OL status register it is needed that a time
Tstable_on is expired.
This is allowed by setting the bit OL_ON = “1” each time the open-load diagnostic is
requested:
Note:
(-) available in the D9 bit position in SPI command frame 6.
After the first PWM ='0' cycle the active HS is turned-off and a passive recirculation phase is
present to avoid shoot-through before enabling the ls driver and perform the OL diagnostics
after T_stable_on.
The voltage of the low-side transistor drain is monitored to track a recirculation current
(drain voltage below ground in case of current recirculation).
Note:
(-) available in the R1,R0 in SPI answer frame 8b.
In case OL_ON bit = “0” (Diag function disabled), the OL_ON_STATUS=[00].
Note:
if several diagnostics are performed between two SPI reads, the open-load diagnostic bits
can only be overwritten if the new diagnostic has a higher priority than the one already
stored in the register.
After the OL fault disappears there is no need to perform any action on DIS or PWM in order
to come back to Normal mode (bridge directly switch to Normal operating).
Table 81. OL_ON
Bit config
Description
Condition
0
Open Load in on-state disabled
Reset value
1
Open Load in on-state enabled
-
Table 82. OL_ON_STATUS [1:0]
Bit status
Description
Priority
Condition
00
OL disabled
-
-
01
No diag done
Low
Default value
10
OL / Diag done
High
-
11
No OL / Diag done
Medium
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com