| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9960 bảng dữ liệu(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9960 bảng dữ liệu(HTML) 78 Page - STMicroelectronics |
|
78 / 95 page ![]() Functional description L9960, L9960T 78/95 DS11115 Rev 10 4.9.4 Read Logic HW version Logic HW version can be read back after the following command word “Logic HW version request“: Response to command word “Logic HW version request” 4.9.5 Parity bit The LSB (Least Significant Bit i.e. the last sent bit) of the word sent by the MCU to the L9960 is the parity bit. ODD parity is being used. No parity bit generation is used in response words for the slave device. Address D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 parity_bit 1 1 1 1 0 0000000010 0 Address R11 R10 R9R8R7R6 R5R4R3R2 R1R0 1 1 1 1 Code_version[7:0] |