| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9960 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9960 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 95 page ![]() Functional description L9960, L9960T 56/95 DS11115 Rev 10 This bit can be reset by (SPI request, DIS or RESET) only if the settings conditions are not present anymore (Tj < OTwarn). This feature is mainly used to reduce the power dissipation and thus the junction temperature. Note: (-) available in the R4 bit position in SPI answer frame 8b. Note: (-) available in the R5 bit position in SPI answer frame 8a. 4.7.2 Over-temperature monitoring electrical characteristics Table 68. OTWARN Bit config Description Comment 0 if Tj < OTwarn Default value 1 if Tj > OTwarn - Table 69. OTWARN_REG Bit status Description Comment 0 Latched if Tj < OTwarn Default value 1 Latched if Tj > OTwarn - Table 70. Over-temperature monitoring electrical characteristics Symbol Parameter Condition Min. Typ. Max. Unit OTwarn Over-temperature warning OTwarn_thr_var set to 000 (default value) 150 - 170 °C OTwarn_thr_var set to 001 145 - 165 °C OTwarn_thr_var set to 100 155 - 175 °C OTwarn_thr_var set to 101 160 - 180 °C OTwarn_thr_var set to 110 165 - 185 °C OTwarn_thr_var set to 111 170 - 190 °C OTsd Over-temperature shut-down threshold OTsd_thr_var set to 000 (default value) 170 - 200 °C OTsd_thr_var set to 001 165 - 195 °C OTsd_thr_var set to 010 160 - 190 °C OTsd_thr_var set to 011 155 - 185 °C OTsd_thr_var set to 100 175 - 205 °C OTsd_thr_var set to 101 180 - 210 °C OTsd_thr_var set to 110 185 - 215 °C OTsd_thr_var set to 111 190 - 222 °C OThyst Over-temperature hysteresis Applicable for OTwarn and OTsd 0-5 °C |