| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9374LF bảng dữ liệu(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9374LF bảng dữ liệu(HTML) 47 Page - STMicroelectronics |
|
47 / 80 page ![]() DocID025414 Rev 1 47/80 L9374LF Circuit description 79 SPI: Parity failure odd on + off – bit is set (latched) – data are not used Access SPI-register SPI: SPICLK-failure n <> 16 on + off – bit is set (latched) – data are not used Access SPI-register SPI: Data-failure on + off – bit is set (latched) – data are not used (within a register) Access SPI-register CLKIN-failure on + off – bit is set (latched) – all outputs switched off immediately – all set points / current / duty cycle / durations are kept at zero – all counters are kept at zero – all synchronization values are kept at zero (reset, sync, STW) – there is no influence at all status register Access SPI-register Sync-failure STW_V_MIN < X < STW_V_MAX on + off – bit is set (latched) Access SPI-register Under voltage @ VS on + off – all outputs switched off immediately – all set points / current / duty cycle /durations are kept zero – all counters are kept at zero – all synchronization values are kept at zero (reset, sync, STW) – all status register are kept at zero – all input, outputs and data buffer are kept at default - Table 36. Fault diagnostic summary (continued) Failure Output state Effect Reset behavior |