| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC8658 bảng dữ liệu(PDF) 39 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8658 bảng dữ liệu(HTML) 39 Page - Microsemi Corporation |
|
39 / 95 page ![]() Configuration VMDS-10242 VSC8658 Datasheet Revision 4.1 31 5.2.5 Link Partner Auto-Negotiation Capability The bits in main register 5 enable you to determine if the Cat5 link partner (LP) used with the VSC8658 device is compatible with the auto-negotiation functionality. 5.2.6 Auto-Negotiation Expansion The bits in main register 6 work together with those in register 5 to indicate the status of the LP auto- negotiation functioning. The following table shows the available settings and readouts. Table 16 • Auto-Negotiation Link Partner Ability, Address 5 (0x05) Bit Name Access Description Default 15 LP next page transmission request RO 1 = Requested 0 14 LP acknowledge RO 1 = Acknowledge 0 13 LP remote fault RO 1 = Remote fault 0 12 Reserved RO 0 11 LP advertise asymmetric pause RO 1 = Capable of asymmetric pause 0 10 LP advertise symmetric pause RO 1 = Capable of symmetric pause 0 9 LP advertise 100BASE-T4 RO 1 = Capable of 100BASE-T4 0 8 LP advertise 100BASE-TX FDX RO 1 = Capable of 100BASE-TX FDX 0 7 LP advertise 100BASE-TX HDX RO 1 = Capable of 100BASE-TX HDX 0 6 LP advertise 10BASE-T FDX RO 1 = Capable of 10BASE-T FDX 0 5 LP advertise 10BASE-T HDX RO 1 = Capable of 10BASE-T HDX 0 4:0 LP advertise selector RO 00000 Table 17 • Auto-Negotiation Expansion, Address 6 (0x06) Bit Name Access Description Default 15:5 Reserved RO 00000000000 4 Parallel detection fault RO This bit latches high. 1 = Parallel detection fault. 0 3 LP next page capable RO 1 = LP is next page capable. 0 2 Local PHY next page capable RO 1 = Local PHY is next page capable. 1 1 Page received RO This bit latches low. 1 = New page is received. 0 0 LP is auto-negotiation capable RO 1 = LP is capable of auto-negotiation. 0 |