công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX7ULPIECB2 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện IMX7ULPIECB2
Giải thích chi tiết về linh kiện  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  IMX7ULPIECB2 Datasheet HTML 1Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 2Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 3Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 4Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 5Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 6Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 7Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 8Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
The following figure describes the part number nomenclature so users can identify the characteristics of the
specific part number.
Figure 2. i.MX 7 Family Part Number Definition
Related Resources
Type
Description
Reference Manual
The i.MX 7ULP Applications Processor Reference Manual contains a comprehensive description of
the structure and function (operation) of the SoC.
Data Sheet
The Data Sheet includes electrical characteristics and signal connections.
Chip Errata
The chip mask set errata provides additional or corrective information for a particular device mask
set.
Package drawing
Package dimensions are provided in Package information and contact assignments
The power mode acronyms used throughout this document are defined as follows.
Power mode acronym table
Power mode acronym
Power mode name
HSRUN
High-speed run mode
RUN
Nominal speed run mode
VLPR
Very low power run mode
PSTOP
Partial stop mode
Table continues on the next page...
4
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com