| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX7ULPIECB2 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7ULPIECB2 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 112 page ![]() i.MX 7ULP features (continued) Feature type Application processor domain Real-time processor domain Signing and encrypt/decrypt engines (CAAM) Encrypt/decrypt engines (LTC) Simple tamper detection — Serial peripherals Four I2C Fast mode plus Four I2C Fast mode plus SD 3.0/MMC 5.0 FlexI/O Four UARTs with flow control Four UARTs with flow control Two LPSPI peripherals Two LPSPI peripherals Timers Four 32-bit general-purpose timers with capture and compare; one 64-bit timer Four 32-bit general purpose-timers with capture and compare; one 64-bit timer Watchdog timer Watchdog timer 2 i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021 NXP Semiconductors |