công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 190 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 190 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 186Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 187Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 188Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 189Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 190Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 191Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 192Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 193Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 226 page
background image
9.6.3 Viterbi, Complex Math, and CRC Unit II (VCU-II)
The VCU-II is the second-generation Viterbi, Complex Math, and CRC extension to the C28x CPU. The VCU-II
extends the capabilities of the C28x CPU by adding registers and instructions to accelerate the performance of
FFTs and communications-based algorithms. The C28x+VCU-II supports the following algorithm types:
• Viterbi Decoding
Viterbi decoding is commonly used in baseband communications applications. The Viterbi decode algorithm
consists of three main parts: branch metric calculations, compare-select (Viterbi butterfly), and a traceback
operation. Table 9-12 shows a summary of the VCU performance for each of these operations.
Table 9-12. Viterbi Decode Performance
VITERBI OPERATION
VCU CYCLES
Branch Metric Calculation (code rate = 1/2)
1
Branch Metric Calculation (code rate = 1/3)
2p
Viterbi Butterfly (add-compare-select)
2(1)
Traceback per Stage
3(2)
(1)
C28x CPU takes 15 cycles per butterfly.
(2)
C28x CPU takes 22 cycles per stage.
• Cyclic Redundancy Check
Cyclic redundancy check (CRC) algorithms provide a straightforward method for verifying data integrity over
large data blocks, communication packets, or code sections. The C28x+VCU can perform 8-bit, 16-bit, 24-bit,
and 32-bit CRCs. For example, the VCU can compute the CRC for a block length of 10 bytes in 10 cycles. A
CRC result register contains the current CRC, which is updated whenever a CRC instruction is executed.
• Complex Math
Complex math is used in many applications, a few of which are:
– Fast Fourier Transform (FFT)
The complex FFT is used in spread spectrum communications, as well as in many signal processing
algorithms.
– Complex filters
Complex filters improve data reliability, transmission distance, and power efficiency. The C28x+VCU can
perform a complex I and Q multiply with coefficients (four multiplies) in a single cycle. In addition, the C28x
+VCU can read/write the real and imaginary parts of 16-bit complex data to memory in a single cycle.
Table 9-13 shows a summary of the VCU operations enabled by the VCU.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
190
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com