công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 180 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 180 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 176Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 177Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 178Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 179Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 180Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 181Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 182Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 183Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 226 page
background image
9.3.2 Flash Memory Map
On the F28379D, F28378D, F28377D, and F28375D devices, each CPU has its own flash bank [512KB
(256KW)], the total flash for each device is 1MB (512KW). Only one bank can be programmed or erased at a
time and the code to program the flash should be executed out of RAM. Table 1-1 shows the addresses of flash
sectors on CPU1 and CPU2 for F28379D, F28378D, F28377D, and F28375D.
Table 9-2. Addresses of Flash Sectors on CPU1 and CPU2 for F28379D, F28378D, F28377D and F28375D
SECTOR
SIZE
START ADDRESS
END ADDRESS
OTP Sectors
TI OTP
1K x 16
0x0007 0000
0x0007 03FF
User configurable DCSM OTP
1K x 16
0x0007 8000
0x0007 83FF
Sectors
Sector 0
8K x 16
0x0008 0000
0x0008 1FFF
Sector 1
8K x 16
0x0008 2000
0x0008 3FFF
Sector 2
8K x 16
0x0008 4000
0x0008 5FFF
Sector 3
8K x 16
0x0008 6000
0x0008 7FFF
Sector 4
32K x 16
0x0008 8000
0x0008 FFFF
Sector 5
32K x 16
0x0009 0000
0x0009 7FFF
Sector 6
32K x 16
0x0009 8000
0x0009 FFFF
Sector 7
32K x 16
0x000A 0000
0x000A 7FFF
Sector 8
32K x 16
0x000A 8000
0x000A FFFF
Sector 9
32K x 16
0x000B 0000
0x000B 7FFF
Sector 10
8K x 16
0x000B 8000
0x000B 9FFF
Sector 11
8K x 16
0x000B A000
0x000B BFFF
Sector 12
8K x 16
0x000B C000
0x000B DFFF
Sector 13
8K x 16
0x000B E000
0x000B FFFF
Flash ECC Locations
TI OTP ECC
128 x 16
0x0107 0000
0x0107 007F
User-configurable DCSM OTP
ECC
128 x 16
0x0107 1000
0x0107 107F
Flash ECC (Sector 0)
1K x 16
0x0108 0000
0x0108 03FF
Flash ECC (Sector 1)
1K x 16
0x0108 0400
0x0108 07FF
Flash ECC (Sector 2)
1K x 16
0x0108 0800
0x0108 0BFF
Flash ECC (Sector 3)
1K x 16
0x0108 0C00
0x0108 0FFF
Flash ECC (Sector 4)
4K x 16
0x0108 1000
0x0108 1FFF
Flash ECC (Sector 5)
4K x 16
0x0108 2000
0x0108 2FFF
Flash ECC (Sector 6)
4K x 16
0x0108 3000
0x0108 3FFF
Flash ECC (Sector 7)
4K x 16
0x0108 4000
0x0108 4FFF
Flash ECC (Sector 8)
4K x 16
0x0108 5000
0x0108 5FFF
Flash ECC (Sector 9)
4K x 16
0x0108 6000
0x0108 6FFF
Flash ECC (Sector 10)
1K x 16
0x0108 7000
0x0108 73FF
Flash ECC (Sector 11)
1K x 16
0x0108 7400
0x0108 77FF
Flash ECC (Sector 12)
1K x 16
0x0108 7800
0x0108 7BFF
Flash ECC (Sector 13)
1K x 16
0x0108 7C00
0x0108 7FFF
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
180
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com