| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28375DPZP bảng dữ liệu(PDF) 179 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP bảng dữ liệu(HTML) 179 Page - Texas Instruments |
|
179 / 226 page ![]() 9.3 Memory 9.3.1 C28x Memory Map Both C28x CPUs on the device have the same memory map except where noted in Table 9-1. The GSx_RAM (Global Shared RAM) should be assigned to either CPU by the GSxMSEL register. Memories accessible by the CLA or DMA (direct memory access) are noted as well. Table 9-1. C28x Memory Map MEMORY SIZE START ADDRESS END ADDRESS CLA ACCESS DMA ACCESS M0 RAM 1K × 16 0x0000 0000 0x0000 03FF M1 RAM 1K × 16 0x0000 0400 0x0000 07FF PieVectTable 512 × 16 0x0000 0D00 0x0000 0EFF CPUx.CLA1 to CPUx MSGRAM 128 × 16 0x0000 1480 0x0000 14FF Yes CPUx to CPUx.CLA1 MSGRAM 128 × 16 0x0000 1500 0x0000 157F Yes UPP TX MSG RAM 512 × 16 0x0000 6C00 0x0000 6DFF Yes (CPU1.CLA1 only) UPP RX MSG RAM 512 × 16 0x0000 6E00 0x0000 6FFF Yes (CPU1.CLA1 only) LS0 RAM 2K × 16 0x0000 8000 0x0000 87FF Yes LS1 RAM 2K × 16 0x0000 8800 0x0000 8FFF Yes LS2 RAM 2K × 16 0x0000 9000 0x0000 97FF Yes LS3 RAM 2K × 16 0x0000 9800 0x0000 9FFF Yes LS4 RAM 2K × 16 0x0000 A000 0x0000 A7FF Yes LS5 RAM 2K × 16 0x0000 A800 0x0000 AFFF Yes D0 RAM 2K × 16 0x0000 B000 0x0000 B7FF D1 RAM 2K × 16 0x0000 B800 0x0000 BFFF GS0 RAM(1) 4K × 16 0x0000 C000 0x0000 CFFF Yes GS1 RAM(1) 4K × 16 0x0000 D000 0x0000 DFFF Yes GS2 RAM(1) 4K × 16 0x0000 E000 0x0000 EFFF Yes GS3 RAM(1) 4K × 16 0x0000 F000 0x0000 FFFF Yes GS4 RAM(1) 4K × 16 0x0001 0000 0x0001 0FFF Yes GS5 RAM(1) 4K × 16 0x0001 1000 0x0001 1FFF Yes GS6 RAM(1) 4K × 16 0x0001 2000 0x0001 2FFF Yes GS7 RAM(1) 4K × 16 0x0001 3000 0x0001 3FFF Yes GS8 RAM(1) 4K × 16 0x0001 4000 0x0001 4FFF Yes GS9 RAM(1) 4K × 16 0x0001 5000 0x0001 5FFF Yes GS10 RAM(1) 4K × 16 0x0001 6000 0x0001 6FFF Yes GS11 RAM(1) 4K × 16 0x0001 7000 0x0001 7FFF Yes GS12 RAM(1) (2) 4K × 16 0x0001 8000 0x0001 8FFF Yes GS13 RAM(1) (2) 4K × 16 0x0001 9000 0x0001 9FFF Yes GS14 RAM(1) (2) 4K × 16 0x0001 A000 0x0001 AFFF Yes GS15 RAM(1) (2) 4K × 16 0x0001 B000 0x0001 BFFF Yes CPU2 to CPU1 MSGRAM(1) 1K × 16 0x0003 F800 0x0003 FBFF Yes CPU1 to CPU2 MSGRAM(1) 1K × 16 0x0003 FC00 0x0003 FFFF Yes CAN A Message RAM(1) 2K × 16 0x0004 9000 0x0004 97FF CAN B Message RAM(1) 2K × 16 0x0004 B000 0x0004 B7FF Flash 256K × 16 0x0008 0000 0x000B FFFF Secure ROM 32K × 16 0x003F 0000 0x003F 7FFF Boot ROM 32K × 16 0x003F 8000 0x003F FFBF Vectors 64 × 16 0x003F FFC0 0x003F FFFF (1) Shared between CPU subsystems. (2) Available only on F28379D, F28378D, F28377D, and F28375D. www.ti.com TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 179 Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |