công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 158 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 158 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 154Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 155Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 156Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 157Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 158Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 159Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 160Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 161Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 226 page
background image
NO.
MIN
MAX
UNIT
na
tskew(CKX-Data)
Worst skew between Clock and Data to ensure GBD for
sampled clock and datas
ns
CLKSTP = 10b, CLKXP = 0
M30
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
8P – 10
ns
M31
th(CKXL-DRV)
Hold time, DR valid after CLKX low
8P – 10
ns
M32
tsu(BFXL-CKXH)
Setup time, FSX low before CLKX high
8P+10
ns
CLKSTP = 11b, CLKXP = 0
M39
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
8P – 10
ns
M40
th(CKXH-DRV)
Hold time, DR valid after CLKX high
8P – 10
ns
M41
tsu(FXL-CKXH)
Setup time, FSX low before CLKX high
16P+10
ns
CLKSTP = 10b, CLKXP = 1
M49
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
8P – 10
ns
M50
th(CKXH-DRV)
Hold time, DR valid after CLKX high
8P – 10
ns
M51
tsu(FXL-CKXL)
Setup time, FSX low before CLKX low
8P+10
ns
CLKSTP = 11b, CLKXP = 1
M58
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
8P – 10
ns
M59
th(CKXL-DRV)
Hold time, DR valid after CLKX low
8P – 10
ns
M60
tsu(FXL-CKXL)
Setup time, FSX low before CLKX low
16P+10
ns
(1)
CLKG should be configured to LSPCLK/2 by setting CLKSM = 1 and CLKGDV = 1
(2)
For SPI slave modes CLKX must be a minimum of 8 CLKG cycles
8.12.3.1.2.4 McBSP as SPI Slave Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
CLOCK
2P
Cycle time, CLKG
ns
CLKSTP = 10b, CLKXP = 0
M26
td(CLKXH-DXV)
Delay time, CLKX high to DX valid
3P + 6
5P + 20
ns
M28
tdis(FXH-DXHZ)
Disable time, DX high impedance following last data bit from
FSX high
6P + 6
ns
M29
td(FXL-DXV)
Delay time, FSX low to DX valid
4P + 6
ns
CLKSTP = 11b, CLKXP = 0
M36
td(CLKXL-DXV)
Delay time, CLKX low to DX valid
3P + 6
5P + 20
ns
M37
tdis(CKXL-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX low
7P + 6
ns
M38
td(FXL-DXV)
Delay time, FSX low to DX valid
4P + 6
ns
CLKSTP = 10b, CLKXP = 1
M45
td(CLKXL-DXV)
Delay time, CLKX low to DX valid
3P + 6
5P + 20
ns
M47
tdis(FXH-DXHZ)
Disable time, DX high impedance following last data bit from
FSX high
6P + 6
ns
M48
td(FXL-DXV)
Delay time, FSX low to DX valid
4P + 6
ns
CLKSTP = 11b, CLKXP = 1
M55
td(CLKXH-DXV)
Delay time, CLKX high to DX valid
3P + 6
5P + 20
ns
M56
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX high
7P + 6
ns
M57
td(FXL-DXV)
Delay time, FSX low to DX valid
4P + 6
ns
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
158
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com