công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 157 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 157 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 153Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 154Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 155Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 156Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 157Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 158Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 159Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 160Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 226 page
background image
8.12.3.1.2.2 McBSP as SPI Master Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
CLOCK
M33
tc(CLKG)
Cycle time, CLKG(1) (n * tc(LSPCLK))
40
ns
P
Half CLKG cycle; 0.5 * tc(CLKG)
20
ns
n
LSPCLK to CLKG divider
2
ns
CLKSTP = 10b, CLKXP = 0
M24
th(CKXL-FXL)
Hold time, FSX high after CLKX low
2P – 6
ns
M25
td(FXL-CKXH)
Delay time, FSX low to CLKX high
P – 6
ns
M26
td(CLKXH-DXV)
Delay time, CLKX high to DX valid [check clock polarity and
add to timing diagram]
–4
6
ns
M28
tdis(FXH-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX low [redefine timing diagram]
P – 8
ns
M29
td(FXL-DXV)
Delay time, FSX low to DX valid
P – 3
P + 6
ns
CLKSTP = 11b, CLKXP = 0
M34
th(CKXL-FXH)
Hold time, FSX high after CLKX low
P – 6
ns
M35
td(FXL-CKXH)
Delay time, FSX low to CLKX high
P – 6
ns
M36
td(CLKXL-DXV)
Delay time, CLKX low to DX valid [check clock polarity and add
to timing diagram]
–4
6
ns
M37
tdis(CKXL-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX low
P – 6
ns
M38
td(FXL-DXV)
Delay time, FSX low to DX valid
–2
1
ns
CLKSTP = 10b, CLKXP = 1
M43
th(CKXH-FXH)
Hold time, FSX high after CLKX high
2P – 6
ns
M44
td(FXL-CKXL)
Delay time, FSX low to CLKX low
P – 6
ns
M45
td(CLKXL-DXV)
Delay time, CLKX low to DX valid [check clock polarity and add
to timing diagram]
–4
6
ns
M47
tdis(FXH-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX low [redefine timing diagram]
P – 6
ns
M48
td(FXL-DXV)
Delay time, FSX low to DX valid
–2
1
ns
CLKSTP = 11b, CLKXP = 1
M53
th(CKXH-FXH)
Hold time, FSX high after CLKX high
P – 6
ns
M54
td(FXL-CKXL)
Delay time, FSX low to CLKX low
2P – 6
ns
M55
td(CLKXH-DXV)
Delay time, CLKX high to DX valid
–4
6
ns
M56
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX high
P – 8
ns
M57
td(FXL-DXV)
Delay time, FSX low to DX valid
–2
1
ns
(1)
CLKG should be configured to LSPCLK/2 by setting CLKSM = 1 and CLKGDV = 1.
8.12.3.1.2.3 McBSP as SPI Slave Timing Requirements
NO.
MIN
MAX
UNIT
CLOCK
tc(CLKG)
Cycle time, CLKG(1)
2 * tc(LSPCLK)
ns
P
Cycle time, LSPCLK(1)
tc(LSPCLK)
ns
M33,
M42,
M52,
M61
tc(CKX)
Cycle time, CLKX(2)
16P
ns
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
157
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com