công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 132 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 132 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 128Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 129Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 130Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 131Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 132Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 133Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 134Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 135Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 226 page
background image
8.11.2.2 ePWM Electrical Data and Timing
Section 8.11.2.2.1 shows the PWM timing requirements and Section 8.11.2.2.2 shows the PWM switching
characteristics.
8.11.2.2.1 ePWM Timing Requirements
MIN(1)
MAX
UNIT
f(EPWM)
Frequency, EPWMCLK(2)
100
MHz
tw(SYNCIN)
Sync input pulse width
Asynchronous
2tc(EPWMCLK)
cycles
Synchronous
2tc(EPWMCLK)
cycles
With input qualifier
1tc(EPWMCLK) + tw(IQSW)
cycles
(1)
For an explanation of the input qualifier parameters, see Section 8.9.6.2.1.
(2)
For SYSCLK above 100 MHz, the EPWMCLK must be half of SYSCLK.
8.11.2.2.2 ePWM Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tw(PWM)
Pulse duration, PWMx output high/low
20
ns
tw(SYNCOUT)
Sync output pulse width
8tc(SYSCLK)
cycles
td(TZ-PWM)
Delay time, trip input active to PWM forced high
Delay time, trip input active to PWM forced low
Delay time, trip input active to PWM Hi-Z
25
ns
8.11.2.2.3 Trip-Zone Input Timing
Section 8.11.2.2.3.1 shows the trip-zone input timing requirements. Figure 8-52 shows the PWM Hi-Z
characteristics.
8.11.2.2.3.1 Trip-Zone Input Timing Requirements
MIN(1)
MAX
UNIT
tw(TZ)
Pulse duration, TZx input low
Asynchronous
1tc(EPWMCLK)
cycles
Synchronous
2tc(EPWMCLK)
cycles
With input qualifier
1tc(EPWMCLK) + tw(IQSW)
cycles
(1)
For an explanation of the input qualifier parameters, see Section 8.9.6.2.1.
PWM
(B)
TZ
(A)
EPWMCLK
t
w(TZ)
t
d(TZ-PWM)
A. TZ: TZ1, TZ2, TZ3, TRIP1–TRIP12
B. PWM refers to all the PWM pins in the device. The state of the PWM pins after TZ is taken high depends on the PWM recovery software.
Figure 8-52. PWM Hi-Z Characteristics
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
132
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com