công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A6986I bảng dữ liệu(PDF) 43 Page - STMicroelectronics

tên linh kiện A6986I
Giải thích chi tiết về linh kiện  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I bảng dữ liệu(HTML) 43 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 39Page - STMicroelectronics A6986I Datasheet HTML 40Page - STMicroelectronics A6986I Datasheet HTML 41Page - STMicroelectronics A6986I Datasheet HTML 42Page - STMicroelectronics A6986I Datasheet HTML 43Page - STMicroelectronics A6986I Datasheet HTML 44Page - STMicroelectronics A6986I Datasheet HTML 45Page - STMicroelectronics A6986I Datasheet HTML 46Page - STMicroelectronics A6986I Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
8
Application example
The target of this section is to show a typical application example as well as to describe the expected
performances.
The schematic below depicts a typical application where an isolated voltage (single) together with a not isolated
voltage is required.
Figure 49. Typical schematic with load applied to both the isolated and not isolated outputs
This application generates 5 V at the primary output (not isolated) with a switching frequency of 500 kHz. The
secondary voltage (isolated) is generated by a transformer with a 1:5.8 turn ratio. The voltage between VOUT_sec+
and VOUT_sec- changes with the current drawn from the load. A post-regulation is necessary to keep this voltage
stable.
Maximum deliverable current in an iso-buck topology must take into account equations (5) and (6). According to
how much current is drawn from the isolated and not isolated outputs, IPEAKHS or IPEAKLS is the most stringent
parameter.
A6986I
Application example
DS13481 - Rev 2
page 43/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com