công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A6986I bảng dữ liệu(PDF) 41 Page - STMicroelectronics

tên linh kiện A6986I
Giải thích chi tiết về linh kiện  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I bảng dữ liệu(HTML) 41 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 37Page - STMicroelectronics A6986I Datasheet HTML 38Page - STMicroelectronics A6986I Datasheet HTML 39Page - STMicroelectronics A6986I Datasheet HTML 40Page - STMicroelectronics A6986I Datasheet HTML 41Page - STMicroelectronics A6986I Datasheet HTML 42Page - STMicroelectronics A6986I Datasheet HTML 43Page - STMicroelectronics A6986I Datasheet HTML 44Page - STMicroelectronics A6986I Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
As shown in Figure 45 (resulting from a simulation), the leakage inductance affects the shape of the secondary
winding current. In general, a very low leakage inductance implies that the current in the secondary winding can
quickly ramp up, allowing the charge of the secondary output capacitor and supporting the load current demand.
A high leakage inductance slows down the secondary winding current rise, limiting the charge delivery to the
output. Comparing solutions with different values of transformer leakage inductance shows that higher leakage
inductance transformers are characterized by poorer load regulation performances.
In addition, higher leakage inductance means a reduction of the effective current slope in the primary winding,
therefore increasing the duty cycle. As a consequence, the Schottky diode conduction time shortens, and higher
peak and RMS current are present at the secondary winding. Higher peaks at light load negatively impact the load
regulation.
Figure 46. Secondary winding current according to different leakage inductances (simulation)
LLEAKAGE = 2µH
LLEAKAGE = 2µH
LLEAKAGE = 200nH
LLEAKAGE = 50nH
Another effect of the leakage inductance is the ringing observed when the transition from the off-phase to
on-phase occurs. These oscillations are due to the LC circuit represented by the leakage inductance and the total
parasitic capacitance observed by the primary winding. This capacitance consists of several contributions:
•
Primary winding capacitance
•
Secondary winding capacitance, reflected in the primary side
•
Reverse capacitance of the Schottky diode, reflected in the primary side
The ringing at primary side could affect the regulation loop and falsely trigger the internal comparator, turning off
the high-side MOSFET, although it should be kept on. This might result in undesired jitter at switch node.
A proper masking time (TON MIN) filters these oscillations, which otherwise can affect the loop on the primary side.
Nevertheless, a snubber circuit to dump this ringing is always recommended, as shown in the figure below.
Figure 47. Snubber circuit
Capacitance
A6986I
Design of the external components
DS13481 - Rev 2
page 41/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com