công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A6986I bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện A6986I
Giải thích chi tiết về linh kiện  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 25Page - STMicroelectronics A6986I Datasheet HTML 26Page - STMicroelectronics A6986I Datasheet HTML 27Page - STMicroelectronics A6986I Datasheet HTML 28Page - STMicroelectronics A6986I Datasheet HTML 29Page - STMicroelectronics A6986I Datasheet HTML 30Page - STMicroelectronics A6986I Datasheet HTML 31Page - STMicroelectronics A6986I Datasheet HTML 32Page - STMicroelectronics A6986I Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
7
Application notes
7.1
Output voltage adjustment
Primary output voltage
The error amplifier reference voltage is 0.85 V typical. The output voltage is adjusted accordingly to the equation
below:
VOUT_pri= 0.85∙1+R1R2
(23)
where R1 and R2 are the resistors used in the output divider (see figure below).
Figure 31. A6986I application circuit
The integration of a P-channel MOSFET as high-side switch theoretically allows duty cycle up to 100%.
Nevertheless, in an iso-buck architecture some restrictions should be considered. A general recommendation
is to keep the duty-cycle below 50-60%. A higher duty cycle would limit off-time, limiting the time in which the
energy transfer to the secondary side takes place.
Other restrictions in the duty cycle selection arise due to the minimum on-time (see Section 7.2 Switching
frequency), generally summarized by the following equation:
D ≥ DMIN = TON MIN∙fSW
(24)
Secondary output voltage
In the iso-buck converter, the secondary output voltage is not included in the regulation loop. Nevertheless, a
good regulation of the secondary output voltage is achieved by relying on the primary output voltage regulation,
the selection of a proper turn ratio of the transformer as well as considering the voltage drops due to the
secondary winding resistance and the Schottky diode. That can be summarized by the following equation:
VOUT_sec=N∙VOUT_pri+IOUTpri∙RDSonLS+Rwind_pri ‐Rwind_sec∙IOUT_sec‐VFD1
(25)
where N is the turn ratio, Rwind_prim and Rwind_sec are the winding resistances of the primary and secondary side
respectively and VFD1 is the forward voltage of the Schottky diode.
If no current is drawn from the primary output, equation (25) can be simplified as follows:
VOUT_sec=N∙VOUTpri−Rwind_sec∙IOUT_sec−VFD1
(26)
A6986I
Application notes
DS13481 - Rev 2
page 29/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com