| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADRV9010BBCZ bảng dữ liệu(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADRV9010BBCZ bảng dữ liệu(HTML) 25 Page - Analog Devices |
|
25 / 115 page ![]() Data Sheet ADRV9010 Rev. E | Page 25 of 115 Ball No. Type1 Mnemonic Description T1, T2 O SERDOUTD+, SERDOUTD− SERDES Differential Output D. Do not connect if unused. T3, T4 O SERDOUTC+, SERDOUTC− SERDES Differential Output C. Do not connect if unused. T5, T6 O SERDOUTB+, SERDOUTB− SERDES Differential Output B. Do not connect if unused. T7, T8 O SERDOUTA+, SERDOUTA− SERDES Differential Output A. Do not connect if unused. T10, T11 I SERDIND−, SERDIND+ SERDES Differential Input D. Do not connect if unused. T12, T13 I SERDINC+, SERDINC− SERDES Differential Input C. Do not connect if unused. T14, T15 I SERDINB−, SERDINB+ SERDES Differential Input B. Do not connect if unused. T16, T17 I SERDINA+, SERDINA− SERDES Differential Input A. Do not connect if unused. U1, U2 O SERDOUTH+, SERDOUTH− SERDES Differential Output H. Do not connect if unused. U3, U4 O SERDOUTG+, SERDOUTG− SERDES Differential Output G. Do not connect if unused. U5, U6 O SERDOUTF+, SERDOUTF− SERDES Differential Output F. Do not connect if unused. U7, U8 O SERDOUTE+, SERDOUTE− SERDES Differential Output E. Do not connect if unused. U10, U11 I SERDINH−, SERDINH+ SERDES Differential Input H. Do not connect if unused. U12, U13 I SERDING+, SERDING− SERDES Differential Input G. Do not connect if unused. U14, U15 I SERDINF−, SERDINF+ SERDES Differential Input F. Do not connect if unused. U16, U17 I SERDINE+, SERDINE− SERDES Differential Input E. Do not connect if unused. 1 I is input, O is output, N/A is not applicable, and I/O is input/output. |