công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9010BBCZ bảng dữ liệu(PDF) 91 Page - Analog Devices

tên linh kiện ADRV9010BBCZ
Giải thích chi tiết về linh kiện  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ bảng dữ liệu(HTML) 91 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 87Page - Analog Devices ADRV9010BBCZ Datasheet HTML 88Page - Analog Devices ADRV9010BBCZ Datasheet HTML 89Page - Analog Devices ADRV9010BBCZ Datasheet HTML 90Page - Analog Devices ADRV9010BBCZ Datasheet HTML 91Page - Analog Devices ADRV9010BBCZ Datasheet HTML 92Page - Analog Devices ADRV9010BBCZ Datasheet HTML 93Page - Analog Devices ADRV9010BBCZ Datasheet HTML 94Page - Analog Devices ADRV9010BBCZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 91 of 115
–100
–90
–80
–70
–60
–50
–40
4500
4600
4700
4800
4900
5000
OBSERVATION RECEIVER LO FREQUENCY (MHz)
–40°C
+25°C
+110°C
Figure 381. Observation Receiver LO Leakage vs. Observation Receiver
LO Frequency, 0 dB Attenuation, Sample Rate = 491.52 MSPS
0
5
10
15
20
25
30
OBSERVATION RECEIVER ATTENUATION (dB)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 382. Observation Receiver Gain vs. Observation Receiver Attenuation,
20 MHz Offset, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS
4500
4600
4700
4800
4900
5000
OBSERVATION RECEIVER LO FREQUENCY (MHz)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 383. Observation Receiver Gain vs. Observation Receiver LO
Frequency, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS
0
5
10
15
20
25
30
OBSERVATION RECEIVER ATTENUATION (dB)
–40°C, ORx1
+25°C, ORx1
+110°C, ORx1
–40°C, ORx2
+25°C, ORx2
+110°C, ORx2
–40°C, ORx3
+25°C, ORx3
+110°C, ORx3
–40°C, ORx4
+25°C, ORx4
+110°C, ORx4
Figure 384. Observation Receiver Gain Step Error vs. Observation Receiver
Attenuation, 20 MHz Offset, −5 dBFS Input Signal
BASEBAND OFFSET FREQUENCY (MHz)
–220
220
–180
180
–140
140
–100
100
–60
60
–20
20
0.5
–0.5
0.4
–0.4
0.3
–0.3
0.2
–0.2
0.1
–0.1
0
–40°C
+25°C
+110°C
Figure 385. Normalized Observation Receiver Flatness vs. Baseband Offset
Frequency, −25 dBm Input Signal, 0 dB Attenuation
–225
–175
–125
–75
–25
25
75
125
175
225
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 386. Observation Receiver Image vs. Baseband Offset Frequency,
Tracking Calibration Active, Sample Rate = 491.52 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com