công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9010BBCZ bảng dữ liệu(PDF) 23 Page - Analog Devices

tên linh kiện ADRV9010BBCZ
Giải thích chi tiết về linh kiện  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ bảng dữ liệu(HTML) 23 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 19Page - Analog Devices ADRV9010BBCZ Datasheet HTML 20Page - Analog Devices ADRV9010BBCZ Datasheet HTML 21Page - Analog Devices ADRV9010BBCZ Datasheet HTML 22Page - Analog Devices ADRV9010BBCZ Datasheet HTML 23Page - Analog Devices ADRV9010BBCZ Datasheet HTML 24Page - Analog Devices ADRV9010BBCZ Datasheet HTML 25Page - Analog Devices ADRV9010BBCZ Datasheet HTML 26Page - Analog Devices ADRV9010BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 23 of 115
Ball No.
Type1
Mnemonic
Description
E8 to E10, F8 to F10, G8, G10, H7, H8, H10, H11, J8, J10, K7,
K8, K10, K11, N11
I/O
GPIO_0 to GPIO_18
General-Purpose Digital Inputs and Outputs.
See Figure 2 to match the ball location to
the GPIO_x signal name. If unused, these
pins can be connected to VSSA with a 10 kΩ
resistor or configured as outputs, driven low,
and left disconnected.
E11
I
TX2_EN
Enable Input for Transmitter Channel 2.
Connect to VSSA if unused.
E13, E14
I
ORX1+, ORX1−
Differential Inputs for Observation Receiver
Channel 1. Connect to VSSA if unused.
E16, F16
I/O
EXT_LO1+,
EXT_LO1−
Differential External LO Input/Output 1. If
used for the external LO input, the input
frequency must be 2× the desired carrier
frequency. Do not connect if unused.
E17
I
AUXADC_1
Auxiliary ADC 1 Input. Do not connect if
unused.
F1
I
AUXADC_2
Auxiliary ADC2 Input. Do not connect if
unused.
F7, F11, L7, L11
I
ORX_CTRL_C,
ORX_CTRL_B,
ORX_CTRL_D,
ORX_CTRL_A
These pins determines the active ORX_x
path. Connect to VSSA directly or with a
pull-down resistor if unused.
F17
I
AUXADC_0
Auxiliary ADC0 Input. Do not connect if
unused.
G3
I
VRFVCO2_1P3
1.3 V Supply Input.
G5
O
VRFVCO2_1P0
1.0 V Internal Supply Node. Bypass this pin
with a 4.7 μF capacitor.
G7
I
RX3_EN
Enable Input for Receiver Channel 3.
Connect to VSSA if unused.
G9, J9, L9
I
VDIG_1P0
1.0 V Digital Supply Input.
G11
I
RX2_EN
Enable Input for Receiver Channel 2.
Connect to VSSA if unused.
G13
O
VRFVCO1_1P0
1.0 V Internal Supply Node. Bypass this pin
with a 4.7 μF capacitor.
G15
I
VRFVCO1_1P3
1.3 V Supply Input.
H1, J1
I
RX4−, RX4+
Differential Inputs for Receiver Channel 4.
Connect to VSSA if unused.
H3
I
VCONV2_1P8
1.8 V Supply Input.
H9, K9, M9
I
VSSD
Digital Ground.
H15
I
VCONV1_1P8
1.8 V Supply Input.
H17, J17
I
RX1+, RX1−
Differential Inputs for Receiver Channel 1.
Connect to VSSA if unused.
J3
I
VCONV2_1P3
1.3 V Supply Input.
J5
I
VRFSYN2_1P3
1.3 V Supply Input.
J7
I
RX4_EN
Enable Input for Receiver Channel 4.
Connect to VSSA if unused.
J11
I
RX1_EN
Enable Input for Receiver Channel 1.
Connect to VSSA if unused.
J13
I
VRFSYN1_1P3
1.3 V Supply Input.
J15
I
VCONV1_1P3
1.3 V Supply Input.
K3
O
VCONV2_1P0
1.0 V Internal Supply Node. Bypass this pin
with a 4.7 μF capacitor.
K15
O
VCONV1_1P0
1.0 V Internal Supply Node. Bypass this pin
with a 4.7 μF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com