công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9010BBCZ bảng dữ liệu(PDF) 48 Page - Analog Devices

tên linh kiện ADRV9010BBCZ
Giải thích chi tiết về linh kiện  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ bảng dữ liệu(HTML) 48 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 44Page - Analog Devices ADRV9010BBCZ Datasheet HTML 45Page - Analog Devices ADRV9010BBCZ Datasheet HTML 46Page - Analog Devices ADRV9010BBCZ Datasheet HTML 47Page - Analog Devices ADRV9010BBCZ Datasheet HTML 48Page - Analog Devices ADRV9010BBCZ Datasheet HTML 49Page - Analog Devices ADRV9010BBCZ Datasheet HTML 50Page - Analog Devices ADRV9010BBCZ Datasheet HTML 51Page - Analog Devices ADRV9010BBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 48 of 115
35
10
15
25
20
30
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
10
30
60
90
20
40
80
50
70
TWO-TONE FREQUENCY SPACING (MHz)
Figure 132. Receiver IIP3, 2f2 − f1 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, 0 dB Attenuation, f2 = 2 MHz
–20
–25
–50
–45
–35
–40
–30
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
–60
–45
–15
5
–55
–35
0
–25
–40
–10
–50
–30
–20
–5
RECEIVER INPUT POWER (dBm)
Figure 133. Receiver Error Vector Magnitude vs. Receiver Input Power,
20 MHz LTE Signal Centered at LO Frequency, Sample Rate = 245.76 MSPS,
Loop Filter Bandwidth = 50 kHz, Loop Filter Phase Margin = 40°
100
1k
10k
100k
1M
10M
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
FREQUENCY OFFSET (Hz)
Figure 134. LO Phase Noise vs. Frequency Offset, Loop Bandwidth = 50 kHz,
Phase Margin = 85°
100
1k
10k
100k
1M
10M
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
FREQUENCY OFFSET (Hz)
Figure 135. LO Phase Noise vs. Frequency Offset, Loop Bandwidth = 100 kHz,
Phase Margin = 60°
50
45
0
5
25
15
35
40
20
10
30
010
20
515
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 136. Observation Receiver Integrated Noise Figure vs. Observation Receiver
Attenuation, 20 MHz Offset, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS,
Integration Bandwidth = 500 kHz to 100 MHz
35
0
5
25
15
20
10
30
–250
–50
250
–150
150
50
BASEBAND OFFSET FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 137. Observation Receiver Integrated Noise Figure vs. Baseband Offset
Frequency, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS,
Integrated in 200 kHz Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com