công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9010BBCZ bảng dữ liệu(PDF) 46 Page - Analog Devices

tên linh kiện ADRV9010BBCZ
Giải thích chi tiết về linh kiện  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ bảng dữ liệu(HTML) 46 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 42Page - Analog Devices ADRV9010BBCZ Datasheet HTML 43Page - Analog Devices ADRV9010BBCZ Datasheet HTML 44Page - Analog Devices ADRV9010BBCZ Datasheet HTML 45Page - Analog Devices ADRV9010BBCZ Datasheet HTML 46Page - Analog Devices ADRV9010BBCZ Datasheet HTML 47Page - Analog Devices ADRV9010BBCZ Datasheet HTML 48Page - Analog Devices ADRV9010BBCZ Datasheet HTML 49Page - Analog Devices ADRV9010BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 46 of 115
90
50
60
55
65
75
70
80
85
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
1805
1825
1845
1865
1895
1885
1815
1835
1855
1875
TONE 2 FREQUENCY (MHz)
Figure 120. Receiver IIP2, f1 − f2 vs. Tone 2 Frequency,
Both Tones at −11 dBFS, 0 dB Attenuation, f1 = f2 + 2 MHz
90
50
60
55
65
75
70
80
85
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
10
30
50
70
90
20
40
60
80
TWO-TONE FREQUENCY SPACING (MHz)
Figure 121. Receiver IIP2, f1 + f2 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, 0 dB Attenuation, f2 = 2 MHz
80
50
60
55
65
75
70
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
10
30
50
70
90
20
40
60
80
TWO-TONE FREQUENCY SPACING (MHz)
Figure 122. Receiver IIP2, f1 − f2 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, 0 dB Attenuation, f2 = 2 MHz
100
60
70
65
75
85
80
90
95
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
010
30
520
25
15
RECEIVER ATTENUATION (dB)
Figure 123. Receiver IIP2, f1 + f2 vs. Receiver Attenuation,
Both Tones at −11 dBFS, f1 = 92 MHz, f2 = 2 MHz
100
60
70
65
75
85
80
90
95
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
010
30
520
25
15
RECEIVER ATTENUATION (dB)
Figure 124. Receiver IIP2, f1 − f2 vs. Receiver Attenuation,
Both Tones at −11 dBFS, f1 = 92 MHz, f2 = 2 MHz
40
0
10
5
15
25
20
30
35
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
1805
1810
1815
1820
1825
TONE 2 FREQUENCY (MHz)
Figure 125. Receiver IIP3, 2f1 + f2 vs. Tone 2 Frequency,
Both Tones at −11 dBFS, 0 dB Attenuation, f1 = f2 + 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com