công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9010BBCZ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADRV9010BBCZ
Giải thích chi tiết về linh kiện  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 5Page - Analog Devices ADRV9010BBCZ Datasheet HTML 6Page - Analog Devices ADRV9010BBCZ Datasheet HTML 7Page - Analog Devices ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices ADRV9010BBCZ Datasheet HTML 10Page - Analog Devices ADRV9010BBCZ Datasheet HTML 11Page - Analog Devices ADRV9010BBCZ Datasheet HTML 12Page - Analog Devices ADRV9010BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 9 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Rx Band Spurs
Referenced to RF Input
at Maximum Gain
−95
dBm
No more than one spur at this level
per 10 MHz of Rx bandwidth;
excludes converter clock spurs;
no input signal applied
Spurious-Free Dynamic
Range
SFDR
81
dBc
PHIGH CW signal anywhere inside
the band ±20 MHz, excludes
harmonic distortion products
Rx Input LO Leakage at
Maximum Gain
Leakage decreased dB for dB with
attenuation for first 12 dB
800 MHz
−65
dBm
1800 MHz
−63
dBm
2600 MHz
−65
dBm
3800 MHz
−59
dBm
4800 MHz
−53
dBm
5700 MHz
−55
dBm
Tx to Rx Signal Isolation
All Tx output effects on all Rx inputs
800 MHz
80
dB
1800 MHz
73
dB
2600 MHz
73
dB
3800 MHz
72
dB
4800 MHz
68
dB
5700 MHz
66
dB
OBSERVATION RECEIVER
(ORx)
Center Frequency
650
3800
MHz
ADRV9010BBCZ
650
6000
MHz
ADRV9010BBCZ-A
Gain Range
30
dB
Analog Gain Step
0.5
dB
For attenuator steps from 0 dB to
6 dB
Peak-to-Peak Gain
Deviation
1
dB
450 MHz RF bandwidth,
compensation by pFIR filter
0.1
dB
Any 20 MHz bandwidth span,
compensation by pFIR filter
Deviation from Linear
Phase
1
Degrees
450 MHz RF bandwidth
ORx Bandwidth
450
MHz
ORx Alias Band
Rejection
60
dB
Due to digital filters
Maximum Useable
Input Level
PHIGH
This CW signal level corresponds to
the signal level seen at the matching
circuit input that produces −2 dBFS
at the digital output with 0 dB
channel attenuation
800 MHz
−12.7
dBm
1800 MHz
−12.2
dBm
2600 MHz
−10.6
dBm
3800 MHz
−12.0
dBm
4800 MHz
−11.3
dBm
5700 MHz
−9.0
dBm
Input Impedance
ZIN
100
Ω
Differential
Input Source VSWR
3
Input Port Return Loss
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com