công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9010BBCZ bảng dữ liệu(PDF) 107 Page - Analog Devices

tên linh kiện ADRV9010BBCZ
Giải thích chi tiết về linh kiện  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ bảng dữ liệu(HTML) 107 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 103Page - Analog Devices ADRV9010BBCZ Datasheet HTML 104Page - Analog Devices ADRV9010BBCZ Datasheet HTML 105Page - Analog Devices ADRV9010BBCZ Datasheet HTML 106Page - Analog Devices ADRV9010BBCZ Datasheet HTML 107Page - Analog Devices ADRV9010BBCZ Datasheet HTML 108Page - Analog Devices ADRV9010BBCZ Datasheet HTML 109Page - Analog Devices ADRV9010BBCZ Datasheet HTML 110Page - Analog Devices ADRV9010BBCZ Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 107 of 115
5705
5735
5765
5795
5825
5855
5885
5915
TONE 2 FREQUENCY (MHz)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 474. Observation Receiver IIP2, f1 − f2 vs. Tone 2 Frequency,
Both Tones at −11 dBFS, 0 dB Attenuation, f1 = f2 + 2 MHz
10
40
70
100
130
160
190
220
TWO–TONE FREQUENCY SPACING (MHz)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 475. Observation Receiver IIP2, f1 + f2 vs. Two-Tone Frequency
Spacing, Both Tones at −11 dBFS, f2 = 2 MHz
10
40
70
100
130
160
190
220
TWO-TONE FREQUENCY SPACING (MHz)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 476. Observation Receiver IIP2, f1 − f2 vs. Two-Tone Frequency
Spacing, Both Tones at −11 dBFS, 0 dB Attenuation, f2 = 2 MHz
0
5
10
15
20
25
30
OBSERVATION RECEIVER ATTENUATION (dB)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 477. Observation Receiver IIP2, f1 + f2 vs. Observation Receiver
Attenuation, Both Tones at −11 dBFS, f1 = 102 MHz, f2 = 2 MHz
0
5
10
15
20
25
30
OBSERVATION RECEIVER ATTENUATION (dB)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 478. Observation Receiver IIP2, f1 − f2 vs. Observation Receiver
Attenuation, Both Tones at −11 dBFS, f1 = 102 MHz, f2 = 2 MHz
5705
5715
5725
5735
5745
5755
5765
TONE 2 FREQUENCY (MHz)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 479. Observation Receiver IIP3, 2f1 + f2 vs. Tone 2 Frequency,
Both Tones at −11 dBFS, 0 dB Attenuation, f1 = f2 + 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com