| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P136ACT bảng dữ liệu(PDF) 118 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT bảng dữ liệu(HTML) 118 Page - NEC |
|
118 / 292 page ![]() CHAPTER 11 ARITHMETIC AND LOGIC UNIT (ALU) 99 11.7 ROTATIONS There are rotation instructions for rotation to the right and for rotation to the left. The RORC instruction is used for rotation to the right. The RORC instruction can only be used with the general register. Rotation using the RORC instruction is not affected by the BCD or CMP flags in the program status word (PSWORD) and does not affect the Z flag in the program status word (PSWORD). Rotation to the left is performed by using the addition instruction ADDC. 11.7.1 and 11.7.2 explain rotation. 11.7.1 Rotation to the Right The instruction used for rotation to the right (RORC r) rotates the contents of the general register in the direction of its least significant bit. When this instruction is executed, the contents of the CY flag becomes the most significant bit of the general register (bit 3) and the least significant bit of the general register is placed in the CY flag. Example 1. MOV PSW, #0100B ; Sets CY flag to 1. MOV R1, #1001B RORC R1 When these instructions are executed, the following operation is performed. Basically, when rotation to the right is performed, the following operation is executed: CY flag → b3, b3 → b2, b2 → b1, b1 → b0, b∞ → CY flag. 2. MOV PSW, #0000B ; Resets CY flag to 0. MOV R1, #1000B ; MSB MOV R2, #0100B MOV R3, #0010B ; LSB RORC R1 RORC R2 RORC R3 The program code above rotates the 13 bits in R1, R2, and R3 to the right. 11 1 0 0 CY flag b3 b2 b1 b0 |