công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P136ACT bảng dữ liệu(PDF) 114 Page - NEC

tên linh kiện UPD17P136ACT
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT bảng dữ liệu(HTML) 114 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 110Page - NEC UPD17P136ACT Datasheet HTML 111Page - NEC UPD17P136ACT Datasheet HTML 112Page - NEC UPD17P136ACT Datasheet HTML 113Page - NEC UPD17P136ACT Datasheet HTML 114Page - NEC UPD17P136ACT Datasheet HTML 115Page - NEC UPD17P136ACT Datasheet HTML 116Page - NEC UPD17P136ACT Datasheet HTML 117Page - NEC UPD17P136ACT Datasheet HTML 118Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 292 page
background image
CHAPTER 11 ARITHMETIC AND LOGIC UNIT (ALU)
95
11.5.2 FALSE (0) Bit Judgement
The FALSE (0) bit judgement instruction (SKF m, #n) is used to determine whether or not the bits specified by n
in the 4 bits of data memory m are FALSE (0). When all bits specified by n are FALSE (0), this instruction causes
the next instruction to be skipped.
Example
MOV
M1,
#1001B
;
SKF
M1,
#0110B
; (1)
BR
A
;
BR
B
;
SKF
M1,
#1110B
; (2)
BR
C
;
BR
D
;
In this example, bits 2 and 1 of data memory M1 are judged in step number (1). Because both bits
are FALSE (0), the program branches to B. In step number (2), bits 3, 2, and 1 of data memory M1
are judged. Since bit 3 of data memory M1 is TRUE (1), the program branches to C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More