công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P136ACT bảng dữ liệu(PDF) 42 Page - NEC

tên linh kiện UPD17P136ACT
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT bảng dữ liệu(HTML) 42 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 38Page - NEC UPD17P136ACT Datasheet HTML 39Page - NEC UPD17P136ACT Datasheet HTML 40Page - NEC UPD17P136ACT Datasheet HTML 41Page - NEC UPD17P136ACT Datasheet HTML 42Page - NEC UPD17P136ACT Datasheet HTML 43Page - NEC UPD17P136ACT Datasheet HTML 44Page - NEC UPD17P136ACT Datasheet HTML 45Page - NEC UPD17P136ACT Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 292 page
background image
23
CHAPTER 4
PROGRAM MEMORY (ROM)
The program organization of the
µPD17134A subseries is shown in Table 4-1.
Table 4-1. Program Memory Configuration
Product name
Program memory capacity
Program memory address
µPD17134A
2K bytes (1024
× 16 bits)
0000H-03FFH
µPD17135A
µPD17136A
µPD17137A
4K bytes (2048
× 16 bits)
0000H-07FFH
µPD17P136A
µPD17P137A
Program memory stores the program and the constant data table. The first area of the program memory is assigned
to reset start and interrupt vector addresses.
The program memory address is specified by the program counter.
4.1 PROGRAM MEMORY CONFIGURATION
Figure 4-1 shows the program memory map. Branch instructions, subroutine calls, and table references can specify
any address in program memory.
Figure 4-1. Program Memory Map for the
µPD17134A Subseries
0000H
0001H
0002H
0003H
03FFH
Address
Reset start address
Serial interface interrupt vector
Basic interval timer interrupt vector
Timer 1 interrupt vector
Subroutine entry
address for the CALL
addr instruction
Branch address for
the BR addr instruction
Branch address for
the BR @AR instruction
Subroutine entry
address for the CALL
@AR instruction
Table reference address
for the MOVT DBF, @AR
instruction
0004H
0005H
External (INT) interrupt vector
Timer 0 interrupt vector
16 bits
( PD17134A/17135A)
m
( PD17136A/17137A/17P136A/17P137A)
m
07FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com