công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P136ACT bảng dữ liệu(PDF) 48 Page - NEC

tên linh kiện UPD17P136ACT
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT bảng dữ liệu(HTML) 48 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 44Page - NEC UPD17P136ACT Datasheet HTML 45Page - NEC UPD17P136ACT Datasheet HTML 46Page - NEC UPD17P136ACT Datasheet HTML 47Page - NEC UPD17P136ACT Datasheet HTML 48Page - NEC UPD17P136ACT Datasheet HTML 49Page - NEC UPD17P136ACT Datasheet HTML 50Page - NEC UPD17P136ACT Datasheet HTML 51Page - NEC UPD17P136ACT Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 292 page
background image
CHAPTER 4 PROGRAM MEMORY (ROM)
29
(2) Branch address table
Example 2 shows an example of code used to reference a branch address table.
Example 2. Program to branch to the address of the branch address table.
OFFSET
MEM
0.00H
; Area to store the offset address.
ROMREF:
BANK0
; Stores the start address of the constant data
; table in the AR register.
MOV
AR3, #.DL.TABLE SHR 12 AND 0FH
MOV
AR2, #.DL.TABLE SHR 8 AND 0FH
MOV
AR1, #.DL.TABLE SHR 4 AND 0FH
MOV
AR0, #.DL.TABLE AND 0FH
MOV
RPH, #0
; Sets the register pointer to row address 7.
MOV
RPL, #7 SHL 1
ADD
AR0, OFFSET
; Adds the offset address.
ADDC
AR1, #0
MOVT
DBF, @AR
; Reads the branch address
PUT
AR, DBF
; AR
← Branch address
BR
@AR
TABLE:
DW
0001H
; When OFFSET = 0H
DW
0002H
DW
0004H
DW
0008H
DW
0010H
DW
0020H
DW
0040H
DW
0080H
DW
0100H
DW
0200H
; When OFFSET = 9H
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More