công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P136ACT bảng dữ liệu(PDF) 96 Page - NEC

tên linh kiện UPD17P136ACT
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT bảng dữ liệu(HTML) 96 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 92Page - NEC UPD17P136ACT Datasheet HTML 93Page - NEC UPD17P136ACT Datasheet HTML 94Page - NEC UPD17P136ACT Datasheet HTML 95Page - NEC UPD17P136ACT Datasheet HTML 96Page - NEC UPD17P136ACT Datasheet HTML 97Page - NEC UPD17P136ACT Datasheet HTML 98Page - NEC UPD17P136ACT Datasheet HTML 99Page - NEC UPD17P136ACT Datasheet HTML 100Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 292 page
background image
CHAPTER 10
DATA BUFFER (DBF)
The data buffer consists of four nibbles allocated in addresses 0CH to 0FH in BANK0.
The data buffer acts as a data storage area for the CPU peripheral circuit (address register, serial interface, timer
0, timer1, basic internal timer, and A/D converter) through use of the GET and PUT instructions. It also acts as data
storage used for receiving and transferring data. By using the MOVT, DBF, and @AR instructions, fixed data in
program memory can be read into the data buffer.
10.1 DATA BUFFER CONFIGURATION
Figure 10-1 shows the allocation of the data buffer in data memory.
As shown in Figure 10-1, the data buffer is allocated in address locations 0CH to 0FH in BANK0 and consists of
a total of 16 bits (4
× 4 bits).
Figure 10-1. Allocation of the Data Buffer
Figure 10-2 shows the configuration of the data buffer. As shown in Figure 10-2, the data buffer is made up of
16 bits with its LSB in bit 0 of address 0FH and its MSB in bit 3 of address 0CH.
Figure 10-2. Data Buffer Configuration
Because the data buffer is allocated in data memory, it can be used in any of the data memory manipulation
instructions.
0123456789
A
B
C
Data buffer
(DBF)
EF
0
1
2
3
4
5
6
7
Column address
Data memory
System register (SYSREG)
D
BANK0
b3
b2
b1
b0
b3
b2
b1
b0
0DH
0CH
Address
Data
Data buffer
b3
b2
b1
b0
b3
b2
b1
b0
0FH
0EH
b11 b10 b9
b8
b15 b14 b13 b12
b3
b2
b1
b0
b7
b6
b5
b4
Data memory
BANK0
Bit
Bit
Symbol
Data
M
S
B
L
S
B
^
^
DBF3
DBF2
DBF1
DBF0
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com