| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NTP53X2 bảng dữ liệu(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 bảng dữ liệu(HTML) 96 Page - NXP Semiconductors |
|
96 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 96 / 133 Feature flag byte contains information about supported features (related bit is 1b) of NTAG 5 link. With this response, it is possible to distinguish the different NTAG 5 family members. Table 220. Feature flags byte 0 Bit Name Description NTAG 5 7 CID Customer ID supported (see Section 8.1.3.3) 1b 6 EAS IR EAS selection supported by extended mode in INVENTORY READ command (see Section 8.2.3.5.1) 1b 5 INVENTORY READ EXT Extended mode supported by INVENTORY READ command (see Section 8.2.3.5.1) 1b 4 AFI PROT AFI protection supported (see Section 8.2.3.9.9) 1b 3 EAS PROT EAS protection supported (see Section 8.2.3.9.9) 1b 2 EAS ID EAS ID supported by EAS ALARM command (see Section 8.2.3.9.10) 1b 1 COUNTER NFC Counter supported (see Section 8.1.2.1) 1b 0 UM PROT User memory protection supported (see Section 8.2.3.3.6) 1b Table 221. Feature flags byte 1 NTAG 5 Bit Name Description NTP5210 NTP5312 NTP5332 NTA5332 7 HIGH BITRATES high bitrates supported (see Section 8.2) 0b 1b 6 WRITE CID Write and Lock CID enabled (see Section 8.1.3.3) 1b 5 DESTROY DESTROY feature supported (see Section 8.2.3.3.8) 1b 4 NFC PRIVACY NFC Privacy mode supported (see Section 8.2.3.3.9) 1b 3 RFU 0b 2 PERS QUIET PERSISTENT QUIET feature supported 0b 1 RFU 0b 0 ORIG SIG Originality signature supported (see Section 8.1.3.1) 1b Table 222. Feature flags byte 2 NTAG 5 Bit Name Description NTP5210 NTP5312 NTP5332 NTA5332 7 to 3 RFU all 0b 2 KEY PRIV Key privileges supported (see Section 8.1.3.8) 0b 1b 1 MUTUAL AUTH Mutual Authentication feature supported (see Section 8.6.4) 0b 1b |