| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NTP53X2 bảng dữ liệu(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 bảng dữ liệu(HTML) 80 Page - NXP Semiconductors |
|
80 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 80 / 133 NTAG 5 link supports the Crypto Suite AES128 as defined in ISO/IEC 29167-10. Only Option_flag = 0b is supported. Table 168. READBUFFER request format Flags READBUFFER UID CRC16 8 bits 8 bits 64 bits (optional) 16 bits For more detailed information, refer to ISO/IEC 29167-10. Table 169 and Table 170 defines the response of NTAG 5 link to a READBUFFER command. For more detailed information, refer to ISO/IEC 29167-10. Table 169. READBUFFER response format when Error_flag is NOT set Flags TResponse CRC16 8 bits 128 bits (see Table 122) 16 bits Table 170. TResponse TResponse AES-ECB-ENC(Key[KeyID].ENC_key,C_TAM1[15:0] || TRnd_TAM1[31:0] || IChallenge_TAM1[79:0]) Table 171. READBUFFER response format when Error_flag is set Flags Error Code CRC16 8 bits 8 bits 16 bits 8.2.3.5 Memory operations Following commands are implemented for accessing user memory according to ISO/IEC 15693. • READ SINGLE BLOCK • WRITE SINGLE BLOCK • LOCK BLOCK • READ MULTIPLE BLOCKS up to 3Fh blocks • EXTENDED READ SINGLE BLOCK • EXTENDED WRITE SINGLE BLOCK • EXTENDED LOCK BLOCK • EXTENDED READ MULTIPEL BLOCKS up to 3Fh blocks On top of these commands, NTAG 5 link offers INVENTORY READ and FAST INVENTORY READ 8.2.3.5.1 INVENTORY READ Command code = A0h |