| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NTP53X2 bảng dữ liệu(PDF) 90 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 bảng dữ liệu(HTML) 90 Page - NXP Semiconductors |
|
90 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 90 / 133 Table 196. READ I2C response format when Error_flag is set Flags Error Code CRC16 8 bits 8 bits 16 bits 8.2.3.9 Other 8.2.3.9.1 WRITE AFI As defined in ISO/IEC 15693. 8.2.3.9.2 LOCK AFI As defined in ISO/IEC 15693. 8.2.3.9.3 WRITE DSFID As defined in ISO/IEC 15693. 8.2.3.9.4 LOCK DSFID As defined in ISO/IEC 15693. 8.2.3.9.5 SET EAS Command code = A2h The SET EAS command enables the EAS mode if the EAS mode is not locked. If the EAS mode is password protected the EAS password has to be first transmitted with the SET PASSWORD command. If AES authentication scheme is enabled and EAS mode is protected, a valid mutual authentication with a key with the EAS/AFI privilege set has to executed before. The timing of the command is write alike. Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC 15693 write-alike commands. Table 197. SET EAS request format Flags SET EAS Manuf. code UID CRC16 8 bits 8 bits 8 bits 64 bits (optional) 16 bits Table 198. SET EAS response format when Error_flag is NOT set Flags CRC16 8 bits 16 bits Table 199. SET EAS response format when Error_flag is set Flags Error Code CRC16 8 bits 8 bits 16 bits |