| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NTP53X2 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 9 / 133 7 Pinning information aaa-034213 Transparent top view 12 11 10 9 1 2 3 4 Figure 3. Pin configuration for XQFN16 package Table 3. Pin description for XQFN16 Pin Symbol Description When unused 1 GND Ground connect to GND 2 GND Ground connect to GND 3 N.C. not connected keep floating 4 N.C. not connected keep floating 5 N.C. not connected keep floating 6 SDA/GPIO1/PWM1 Multiplexed serial data I2C, GPIO1 and PWM1 keep floating 7 SCL/GPIO0/PWM0 Multiplexed serial clock I2C, GPIO0 and PWM0 keep floating 8 ED/PWM0 Multiplexed event detection and PWM0 keep floating 9 VCC External power supply keep floating 10 HPD Hard power down keep floating 11 GND Ground connect to GND 12 VOUT Energy harvesting voltage output keep floating 13 N.C. not connected keep floating 14 LB Antenna connection keep floating 15 LA Antenna connection keep floating 16 N.C. not connected keep floating |